Part Number Hot Search : 
A1103 MC2307 SMV1440L IRF7350 SNC21060 27C21 A1743 R2100
Product Description
Full Text Search
 

To Download 1N4002S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S THRU 1N4007S
PLASTIC SILICON RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES l l l l l l Low forward voltage drop High current capability High reliability High surge current capability 0.6mm leads Exceeds environmental standards of MIL-S-19500/228 A-405
MECHANICAL DATA Case: Molded plastic , A-405 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA=75 Peak Forward Surge Current 8.3ms single half sine-wave IFSM superimposed on rated load Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current @TA=25 At Rated DC Blocking Voltage @TA=100 Typical Junction capacitance (Note 1) Typical Thermal Resistance (Note 2) R JA Typical Thermal resistance (NOTE 2) R JL Operating Temperature Range TJ Storage Temperature Range TA
50 35 50
100 75 100
200 140 200
400 280 400 1.0 30
600 420 600
800 560 800
1000 700 1000
UNITS V V V A A
1.1 5.0 500 15 50 25 -55 to +150 -55 to +150
V A A F P /W /W
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC Thermal resistance Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B mounted
2.
RATING AND CHARACTERISTIC CURVES 1N4001S THRU 1N4007S
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS


▲Up To Search▲   

 
Price & Availability of 1N4002S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X